PART |
Description |
Maker |
BK/HHJ-A-R SFE-14 SFE-30 SFE-4 SFE-7-1 SFE-6 SFE-7 |
Automotive Glass Fuses Fast-Acting Fast-Acting
|
Cooper Bussmann, Inc.
|
ABC-7-R ABC-12-R ABC-14-R ABC-1-R ABC-10-R ABC-15- |
ABC Series, Fast-Acting, Ceramic Tube Fast-acting, ceramic tube Optional axial leads available
|
Cooper Bussmann, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
SF-1206F050-2 SF-1206F200 SF-1206F250 SF-1206F300 |
Fast Acting Surface Mount Fuses SF-1206F Series - Fast Acting Surface Mount Fuses
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
BKPCB-1_2-R BKPCB-12-R BKPCB-1/2-R PCB-3-R |
Subminiature, Radial Leaded, Fast-Acting Fuses Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
|
Cooper Bussmann, Inc.
|
216025 216080 216315 216800 216001 216002 216004 2 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
0267.125V 0267.250V 0267.250VXT 0266005.V 0265.062 |
265/266/267 Series, PICO?, Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Littelfuse
|
FCF-RN |
Fast-acting UL Class CF CUBEFuse
|
Eaton All Rights Reserv...
|
74-10FC8A 74-10FC6A 74-10FC5A 74-10FC4A 74-10FC3A |
10 x 38mm Ceramic, Fast Acting
|
NTE Electronics
|
Z6000MLBA2 |
FUSE,FAST ACTING,3A,250VAC 灯箱± 2
|
Solid State Devices, Inc.
|
021606.3MXB940P 0216.630MXEP 0216.630HXP 0216.630M |
216 Series, 5 x 20 mm, Fast-Acting Fuse
|
Littelfuse
|