PART |
Description |
Maker |
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
UT54ACS132 |
Quadruple 2-Input NAND Schmitt Triggers
|
Aeroflex Circuit Techno...
|
HEF4093BD HEF4093BN |
Quadruple 2-input NAND Schmitt trigger
|
Philips
|
74LV132A 74LV132AS14-13 74LV132AT14-13 |
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
|
Diodes Incorporated
|
HM6264AFP-10 HM6264AFP-10T HM6264AFP-12 HM6264AFP- |
3-Line To 8-Line Decoders/Demultiplexers 16-CFP -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CFP -55 to 125 8192字8位高速CMOS静态RAM 3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual 2-Line To 4-Line Decoders/Demultiplexers 16-CDIP -55 to 125 8192字8位高速CMOS静态RAM 8192-word x 8-bit High Speed CMOS Static RAM 8192字8位高速CMOS静态RAM Quadruple 2-Input Positive-NAND Schmitt Triggers 20-LCCC -55 to 125 8192字8位高速CMOS静态RAM Dual 4-Input Positive-NAND 50-Ohm Line Drivers 14-CDIP -55 to 125 8192字8位高速CMOS静态RAM Dual Voltage-Controlled Oscillators 16-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125 Dual J-K Negative-Edge-Triggered Flip-Flops With Preset And Clear 16-CFP -55 to 125
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
MAX7530JCWE MAX7530JD MAX7530JN MAX7530JQ MAX7530K |
CMOS 10 and 12 Bit Multiplying D/a Converters Quadruple 2-Input Positive-NAND Schmitt Triggers 20-LCCC -55 to 125 的CMOS 102位乘法D / A转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
CD4093BC CD4093BCM CD4093BCN CD4093 |
Quadruple Operational Amplifier 14-SO -40 to 125 Quad 2-Input NAND Schmitt Trigger Quadruple Operational Amplifier 14-SOIC -40 to 125 输入与非施密特触发器
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
5962R9653101QXC 5962R9652401QXC 5962R9654201QCA 59 |
RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class Q, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class V, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class V, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Clock & wait-state generation circuit. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class V, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class Q, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class V, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class Q, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Hex inverter schmit trigger. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Hex noninverting buffers. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class Q, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class V, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class Q, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class V, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Dual J-K flip-flop. Class V, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND schmitt trigger. Class V, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Clock & wait-state generation circuit. Class Q, QML. Lead finish solder. Total dose 1E5 rads(Si). RadHard MSI: SMD. Clock & wait-state generation circuit. Class Q, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class Q, QML. Lead finish optional. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class V, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NAND gates. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si). RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish gold. Total dose 1E5 rads(Si).
|
Aeroflex Circuit Technology
|
MC74ACT132NG MC74ACT132DG |
Quad 2−Input NAND Schmitt Trigger ACT SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad 2−Input NAND Schmitt Trigger ACT SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semiconductor
|
KBPC1006 KBPC10 KBPC15005 KBPC35005 KBPC3504 KBPC3 |
Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 0 to 70 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-TVSOP -40 to 85 单相硅桥 Quadruple 2-Input Positive-NOR Gates 14-PDIP -40 to 85 Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 Hex Inverters 14-SOIC -40 to 85 SINGLE-PHASE SILICON BRIDGE
|
Semtech, Corp. GOOD-ARK[GOOD-ARK Electronics]
|
MM74HC132MTCX |
Quad 2-Input NAND Schmitt Trigger; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
AT49F512-70TC AT49F512 AT49F512-70VC AT49F512-70VI |
Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 Quadruple 2-Input Positive-NAND Gate 14-SSOP -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 512K 64K x 8 5-volt Only Flash Memory
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|