PART |
Description |
Maker |
TLE7235E |
8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
|
Infineon Technologies AG
|
IXD611S1 IXD611P1 IXD611P7 IXD611S7 |
600V, 600 mA High and Low-side Driver 600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
|
IXYS Corporation
|
BTS436L2 BTS436L2G BTS436L2S Q67060-S6111-A4 Q6706 |
Smart High Side Switches - 4,75-41V, 38mΩ 9,8A TO 220 Smart High-Side Power Switch One Channel: 38mз Status Feedback Smart High-Side Power Switch One Channel: 38m蟹 Status Feedback Smart High-Side Power Switch One Channel: 38m Status Feedback Smart High-Side Power Switch One Channel: 38m?/a> Status Feedback
|
INFINEON[Infineon Technologies AG]
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
IPS521 IPS521S |
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH 充分保护高压侧功率MOSFET开 Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package
|
International Rectifier, Corp. IRF[International Rectifier]
|
RIC7113A4 |
RadHard High and Low Side 400V MOSFET and IGBT Gate Driver RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
|
IRF[International Rectifier]
|
TDB6HK240N16P |
EconoPACK4 module and PressFIT Smart low side and high side switches
|
Infineon Technologies AG
|
ATA683210 ATA6832-PIQW |
Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
|
ATMEL Corporation 聚兴科技股份有限公司
|