PART |
Description |
Maker |
OM100Q05CB OM100Q80XX OM100Q05DB OM100Q05RB OM100Q |
50 A, SILICON, RECTIFIER DIODE 600V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 300V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 700V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 500V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 400V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 200V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 150V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 800V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
|
International Rectifier ETC[ETC] N.A. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
RH0133-15 |
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
|
Solid States Devices, I...
|
RH0129 RH0129-15 |
RECTIFIER HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
|
Solid States Devices, I...
|
OM5256SM OM5255SM OM5250SM OM5251SM OM5252SM OM525 |
300V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 100V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package ISOLATED SURFACE MOUNT HIGH EFFICIENCY CENTER-TAP RECTIFIER 200V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 6 A, SILICON, RECTIFIER DIODE
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
BAV70LT1D BAV70LT1 BAV70LT1-D BAV70LT3 |
Small Signal Common Cathode Monolithic Dual Switching Diode Common Cathode
|
ONSEMI[ON Semiconductor]
|
OM5261ST OM5261SR |
1000V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 1000V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
|
International Rectifier List of Unclassifed Manufacturers
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
SDR999CTN SDR9911CTN |
(SDR998CTN - SDR9912CTN) ULTRA FAST COMMON CATHODE RECTIFIER
|
SSDI
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|
80CPU02 |
80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
|
Thinki Semiconductor Co...
|
U1620G |
16 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
|
Thinki Semiconductor Co...
|