PART |
Description |
Maker |
UT63M105PCA UT63M105PCA5 UT63M105PCC UT63M105PCC5 |
UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish gold. UT63M dual multichip monolithic transceiver. QML-Q. -15V, idle low. Lead finish gold. Versatile Miniature Switch, High Performance 符合MIL - STD - 1553A /乙总线收发 5 V Upstream Cable Line Driver; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial 符合MIL - STD - 1553A /乙总线收发 Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Dual Precision, Low Cost, High Speed, BiFET Op Amp; Package: SOIC; No of Pins: 8; Temperature Range: Commercial High-Power Synchronous HB LED Drivers with Rapid Current Pulsing 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission; Package: PDIP; No of Pins: 22; Temperature Range: Industrial Rugged Mil Temp Range Isolation Amplifier; Package: None Available; No of Pins: 11; Temperature Range: Military Digitally Programmable Sensor Signal Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial MIL-STD-1553A/B Bus Transceiver 符合MIL - STD - 1553A /乙总线收发 UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. -12V, idle low. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish optional. MIL-STD-1553A/B Bus Transceiver
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man... Aeroflex Circuit Technology
|
MAX770-MAX773 |
5V/12V/15V or Adjustable High-Efficiency Low IQ Step-uP DC-DC C
|
Maxim Integrated Products, Inc.
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
PWE4812D-3W |
DUAL OUTPU DIP PACKAGE DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MAX732 MAX733 MAX733CPA MAX733CWA MAX733EPA MAX733 |
12V/ 15V Step-Up Current-Mode PWM Regulators 1.5 A SWITCHING REGULATOR, 170 kHz SWITCHING FREQ-MAX, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
HCS360 HCS360-ISN HCS360-SN HCS360-IP MICROCHIPTEC |
IC AC/DC CONV 15V 200MA SIP12 IC AC/DC CONV -12V 300MA SIP12 IC CONV AC/DC -12V 500MA SIP12 而Keeloq跳码编码 IC AC/DC CONV 24V 200MA SIP12 而Keeloq跳码编码
|
Microchip Technology Inc. Microchip Technology, Inc.
|
NPH25S2415EI NPH25S4815EI NPH25S2412EI NPH25S4812E |
DC/DC CONVERTER 15V 1.7A DC/DC CONVERTER 12V 2.1A 直流/直流转换12V.1A DC/DC CONVERTER 3V 7.3A
|
Electronic Theatre Controls, Inc.
|
HI1-5040-2 HI1-5040-5 HI1-5040-7 HI1-5040_883 HI3- |
15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
|
Harris Corporation
|