PART |
Description |
Maker |
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
ADP3000AR-12-REEL ADP3000AR-3.3-REEL ADP3000AR-REE |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
|
Analog Devices
|
BA9743AFV11 |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
AN8011S |
2-channel step-down, step-up, or inverting use DC-DC converter control IC
|
Panasonic Semiconductor
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|