PART |
Description |
Maker |
SN11030 |
3.3 V, USB to CF/ATA/SM/flash interface controller, mass storage class compliant
|
SONIX[SONiX Technology Company]
|
CYUSB2024-BZXI |
SD2USB and Mass Storage Peripheral Controller
|
Cypress
|
CYWB0224ABM-BVXI CYWB0224ABS-BVXI CYWB0226ABM-BVXI |
SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 6 X 6 MM, 1 MM HEIGHT, LEAD FREE, MO-195C, VFBGA-100 West Bridge(R): Astoria(TM) USB and Mass Storage Peripheral Controller.; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 Bridge IC; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100
|
Cypress Semiconductor, Corp.
|
CY7C68001 CY7C68001-56LFC CY7C68001-56LFXC CY7C680 |
EZ-USB SX2 High-Speed USB Interface Device EZ-USB SX2⑩ High-Speed USB Interface Device
|
CYPRESS[Cypress Semiconductor]
|
LPC1751FBD80 LPC1759-11 |
Cortex-M3 with 32 kB flash, 8 kB SRAM, USB 2.0 Device, CAN, 12-bit ADC 32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
|
NXP Semiconductors N.V.
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
AT43USB370 |
Full speed, USB 2.0 compliant host/function processor with embedded USB host stack and device driver firmware. Please
|
Atmel
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
USS820FD L-USS820FD-DB USS-820FD |
USB Device Controller
|
AGERE[Agere Systems]
|
ML60851D |
USB Device Controller
|
OKI[OKI electronic componets]
|
M66290AFP |
USB DEVICE CONTROLLER
|
Mitsubishi Electric Semiconductor
|