PART |
Description |
Maker |
TA7715P E003513 |
FREQUENCY TO VOLTAGE CONVERTER From old datasheet system FREQUENCY-TO-VOLTAGE CONVERTER,BIPOLAR,DIP,16PIN
|
Toshiba.
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SSM2100 SSM2031 |
HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
|
List of Unclassifed Manufacturers N.A. ETC[ETC]
|
R1223N332A R1223N332C R1223N332D R1223N332E R1223N |
PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Taping specification TL 5015 RR 6#16S SKT PLUG Analog IC 模拟IC PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM Step-down DC/DC Converter 脉宽调制/ VFM的降压直直流转换 PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL
|
RICOH[RICOH electronics devices division] Ricoh Co., Ltd. RICOH electronics devic...
|
S78L05F S78LXXF S78L06F S78L08F S78L09F S78L10F S7 |
Ferrite Bead; Series:LF BK; Resistance:0.2ohm; Package/Case:0603; Features:HM; Ferrite Grade:HM; Frequency:100MHz; Frequency Max:300MHz; Impedance:120ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:Yes RoHS Compliant: Yes 正电压稳压器 Positive-Voltage Regulators
|
AUK, Corp. AUK[AUK corp]
|
M660-02-AL M660-02 M660-02-AA M660-02-AB M660-02-A |
DUAL SAW, SELECTABLE FREQUENCY VCSO DUAL SAW / SELECTABLE FREQUENCY VCSO VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 693.483 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 672.16 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.3265 MHz
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
2SC2881 |
Voltage Amplifier Applications High Voltage : VCEO = 120V High Transition Frequency : fT = 120MHz(typ.)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
CY27020SXC |
PREMIS(TM):SSCG EMI Reduction; Voltage(V): 2.5/3.3 V; Input Frequency Range: 48 MHz to 48 MHz; Output Frequency Range: 48 MHz to 48 MHz; Operating Range: 0 to 70 C; Package: SOIC 48 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
FIN24A FIN24AMLX |
Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary) LINE TRANSCEIVER, QCC40 Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary) 低电24位双向串行器/有多个频率范围串器(初步
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LA4583 LA4583M |
Oscillator; Frequency:22MHz; Frequency Tolerance: /-25ppm; Load Capacitance:15pF; Supply Voltage:2.84V; Crystal Terminals:Surface Mount (SMD, SMT); Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Compact Cassette Stereo Recording and Playback System From old datasheet system
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
RC4153 |
Voltage to Frequency Converter
|
Fairchild Semiconductor
|