PART |
Description |
Maker |
AD5175 |
Single-Channel, 1024-Position, Digital Rheostat with I²C Interface and 50-TP Memory
|
Analog Devices
|
ADN2850ARU25 ADN2850ARU25-REEL7 ADN2850ACP25-RL7 A |
TERM,RING NON-INSUL. DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, QCC16 Nonvolatile Memory, Dual 1024 Position Programmable Resistors Nonvolatile Memory/ Dual 1024 Position Programmable Resistors
|
Analog Devices, Inc.
|
AD5262-EVAL AD5260 AD5262BRU20-REEL7 AD5262BRU200- |
15 V or ±5 V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Single-Channel, SPI Compatible, 256 Position Digital Potentiometer 32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 20K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR1 |
10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85% RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK 2-Channel/ 256-Position Digital Potentiometer 4-Channel 64-Position Digital Potentiometer
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5271BRMZ-20-RL7 AD5271BRMZ-100-RL7 AD5271BCPZ-20 |
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
|
Analog Devices
|
AD5111 AD5112 AD5110 AD5113 AD5114 AD5115 |
Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
|
Analog Devices
|
ZL50017 |
1024 x 1024 Channels Selectable Rate (2, 4, 8 Mbps) Non-blocking TDM Switch
|
Zarlink Semiconductor
|
TH7888AVRHN TH7888AVRHRB |
Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
|
Atmel Corp.
|
TH7887AVRH TH7887A |
From old datasheet system Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
|
ATMEL Corporation
|
KAF-1001E |
1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
HEDS-9720OPTIONK51 HEDS-9700OPTIONM55 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
MU9C1480A MU9C1480A-12DC MU9C1480A-12DI MU9C1480A- |
THE 1024 X 64-BIT LANCAM FACILITATES NUMEROUS 1024 X 64-BIT CMOS CONTENT-ADDRESSABLE MEMORY (CAM)
|
ETC
|