PART |
Description |
Maker |
MC74HCT273ADW MC74HCT273ADWR2 MC74HCT273AN HCT273 |
LAMINATED LABEL, 3/4-INCH BLK/YEL RoHS Compliant: Yes HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs Octal D-Type Flip-Flop
|
ONSEMI[ON Semiconductor]
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACT374TTR 74ACT374M 74ACT374MTR 74ACT37401 74ACT |
OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74HCT273ANG |
Octal D-Type Flip-Flop; Package: 20 LEAD PDIP; No of Pins: 20; Container: Rail; Qty per Container: 18 HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDIP20
|
ON Semiconductor
|
74HC574 74HC574DTR2G 74HC574.REV1 |
74HC574 Data Sheet Octal D-Type 3-State Noninverting Flip-Flop; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal 3−State Noninverting D Flip−Flop
|
ON Semiconductor
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
74ACTQ374SJ 74ACQ374 74ACQ374_07 74ACQ374SC 74ACQ3 |
Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
DM74ALS574A DM74ALS574AN DM74ALS574ASJ DM74ALS574A |
Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs 10-Bit Buffer/Driver With 3-State Outputs 24-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|