PART |
Description |
Maker |
A759MS825M2EAAE458 |
Polymer Aluminum, 125C LowZ, A759, 8.2 uF, 20%, 250 V, -55/ 125C, Lead Spacing = 5mm
|
Kemet Corporation
|
P4C1281L-30CC P4C1281L-30CM P4C1281L-30JC P4C1282L |
Dual LDO w/Microcontroller Reset Function, -40C to 125C, 8-DFN, T/R DUAL LDO W/MICROCONTROLLER, -40C to 125C, 8-DFN, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R DUAL LDO W/MICROCONTROLLER WITH RESET FUNCTION, -40C to 125C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
TE Connectivity, Ltd.
|
OPB360L55 OPB360L11 OPB360L51 |
8K, 1K X 8 2.5V SERIAL EE, IND, -40C to 125C, 8-SOIC 150mil, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 8-MSOP, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 5-SOT-23, T/R
|
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
A759KS107M1VAAE031 |
Polymer Aluminum, 125C LowZ, A759, 100 uF, 20%, 35 V, -55/ 125C, 12mm, Lead Spacing = 3.5mm
|
Kemet Corporation
|
A759MS156M2CAAE094 |
Polymer Aluminum, 125C LowZ, A759, 15 uF, 20%, 160 V, -55/ 125C, Lead Spacing = 5mm
|
Kemet Corporation
|
PVO402 PVO402P |
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole/ Normally Open Ring Detector 0-400V/ 120mA AC/DC
|
International Rectifier
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
FTR-K1TAK018T FTR-K1TJK018T FTR-K1TAK024T FTR-K1TJ |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 430mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 28VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER RELAY 1 POLE - 17A Tab Terminal
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
|