PART |
Description |
Maker |
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
TIP111 TIP110 TIP117 TIP112 TIP115 TIP116 ON2978 |
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
NTE275 NTE274 |
Silicon complementary PNP transistor. Darlington power apmlifier, switch. Silicon Complementary Transistors Darlington Power Amplifier, Switch
|
NTE[NTE Electronics]
|
2N6488 2N6487 2N6490 5237 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MJ4032 MJ4035 4161 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TIP41 TIP42BG TIP41BG TIP41AG TIP41CG TIP42AG TIP4 |
Complementary Silicon Plastic Power Transistors 6 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Rectron Semiconductor
|
2N4901 2N4903 2N4902 |
COMPLEMENTARY SILICON POWER TRANSITORS Leaded Power Transistor General Purpose
|
Central Semiconductor C...
|