PART |
Description |
Maker |
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
AN1112 |
THREE-PHASE MOTOR CONTROL
|
ST Microelectronics
|
M56733 M56733AFP |
3-PHASE BRUSHLESS MOTOR CONTROL
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
PTE5100D1A PTE5015D1A |
Sensorless control object code license for AC permanent magnet motor Complete AC servo motor control IC one-chip solution for complete closed loop current control and velocity control for a high performance servo drive system. DIFFERENZDRUCKSENSOR
|
Sony, Corp.
|
TA8413P |
3 PHASE BI-DIRECTIONAL HALL MOTOR CONTROL IC
|
Toshiba Semiconductor
|
ST92E141 ST92141K4M6 ST92141K4B6 ST92141K4 ST92141 |
8/16 BIT MCU FOR 3-PHASE AC MOTOR CONTROL 8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST92E141K5D0 |
8/16 BIT MCU FOR 3-PHASE AC MOTOR CONTROL
|
ST Microelectronics
|
TA7712F TA7712P E003511 |
From old datasheet system 3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
|
TOSHIBA[Toshiba Semiconductor]
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
ZXBM1021JB20TC |
SINGLE PHASE VARIABLE SPEED MOTOR CONTROL PRE-DRIVER
|
Diodes Incorporated
|
PS21661-RZ PS21661-FR |
AC100V~200V, three-phase inverter drive for small power motor control.
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|