PART |
Description |
Maker |
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
STEVAL-TLL006V2 |
New high-power LED driver demo board for single flash with IC interface based on STCF06 (with motherboard based on uPSD)
|
ST Microelectronics
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
GD82559C |
Intel-Based Electronic Classroom Student Computing Station Based on the Intel? Celeron Processor and Intel? 810 Chipset
|
Intel Corporation
|
AS6133 |
For PC-9800 (MS-DOS-TM Based), For IBM PC/ATTM (PC DOS-TM Based)
|
NEC[NEC]
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
M2006-02A M2006-02A-669.3266 M2006-02AI669.3266 M2 |
PLL BASED CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), CQCC36 VCSO BASED FEC CLOCK PLL FEC Frequency Translation SAW PLL with FEC support and Hitless Switching option (and APC pin)
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Circuit Systems ICS
|
APAX-5570XPE APAX-5571XPE APAX-5343 |
PC-based Controller with Celeron? M CPU PC-based Controller with Celeron庐 M CPU PC-based Controller with Celeron M CPU
|
Advantech Co., Ltd.
|
PIC16F785 PIC16F785-I_P PIC16F785-I_SO PIC16F785-I |
20-Pin Flash-Based 8-Bit CMOS Microcontroller 20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|
MR18R162GAF0 MR16R162GAF0 MR18R1624AF0 MR18R1622AF |
64M X 16 RAMBUS MODULE, DMA184 TVS 500W 6.5V BIDIRECT DO-15 6Mx16显示)2/8/16)件RIMM的模块,基于256Mb阿芯片,32秒银行,16K/32ms参考,.5V 16Mx16显示)2/8/16)件RIMM的模块,基于256Mb阿芯片,32秒银行,16K/32ms参考,.5V (MR18R1622(4/8/G)AF0) (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die (MR1xR1622(4/8/G)AF0) (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
CTM8B56EN CTM8B55EP CTM8B57E CTM8B57EP CTM8B54E CT |
EPROM-Based 8-Bit CMOS Microcontroller EPROM-Based 8-Bit COMS Microcontroller
|
Ceramate Technical
|