PART |
Description |
Maker |
NT2L1011G0DUD NT2L1011G0DUF NT2L1211G0DUD NT2L1211 |
NTAG210, NFC Forum Type 2 Tag compliant IC with 48 bytes user memory NTAG212, NFC Forum Type 2 Tag compliant IC with 128 bytes user memory
|
NXP Semiconductors
|
PN7150 PN7150B0HN |
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
|
NXP Semiconductors
|
NTAG213F NTAG216F NT2H1311F0DTL NT2H1611F0DTL |
NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
|
NXP Semiconductors
|
M24SR16-YMC6T/2 M24SR16-YDW6T/2 |
16-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
MLX90131 |
13.56MHz RFID/NFC Transceiver
|
http:// Melexis Microelectronic Systems
|
PULSEW3579 |
Ferrite-backed Embedded NFC Antenna
|
Pulse A Technitrol Company
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
X-NUCLEO-NFC02A1 |
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
|
STMicroelectronics
|
X-NUCLEO-NFC03A1 |
NFC card reader expansion board based on CR95HF for STM32 Nucleo
|
STMicroelectronics
|
USB3320C-EZK USB3320C-EZK-TR |
DATACOM, INTERFACE CIRCUIT, QCC32 5 X 5 MM, 0.90 MM HEIGHT, ROHS COMPLIANT, QFN-32 Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
|
SMSC Corporation SMSC, Corp. Microchip Technology
|