PART |
Description |
Maker |
MT90220 |
Octal Inverse Multiplexing for ATM (IMA) Device with Flexible IMA and UNI mMode
|
Zarlink Semiconductor
|
KF3002-GL50A |
Thermal Printheads > For BARCODE, SCALE > KF2002*-, 300*-GL Series Thick Film Thermal Printhead (300DPI) 厚膜热喷头(300DPI
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MT90224AG2 MT90222 MT90222AG MT90223AG MT90223AG2 |
4/8/16 Port IMA/TC PHY Device
|
ZARLINK[Zarlink Semiconductor Inc]
|
ZL30226 ZL30228 ZL30227 |
4/8/16 Port IMA/TC PHY Device for xDSL
|
Zarlink
|
MT90220 MT90220AL |
Octal IMA/UNI PHY Device
|
MITEL[Mitel Networks Corporation]
|
PI324MC-A4 |
300DPI CIS Module
|
AMI[AMI SEMICONDUCTOR]
|
AMIS-710317-A6 AMIS-710317 |
300dpi CIS Module
|
AMI[AMI SEMICONDUCTOR]
|
PI3012A |
300DPI CIS Sensor Chip
|
AMI[AMI SEMICONDUCTOR]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
|