PART |
Description |
Maker |
LSH6008-BA50A |
Color Contact Image Sensor Heads for High-Speed Scanner
|
Rohm
|
NOIL2SM1300A-GDC NOIL2SM1300A-GWC |
High Speed CMOS Image Sensor
|
ON Semiconductor
|
LUPA-1300-C LUPA-1300 LUPA-1300-M |
1.3 M Pixel High Speed CMOS Image Sensor
|
Cypress Semiconductor
|
CXA3741AUR |
High-speed Buffer Amplifier for CCD Image Sensor
|
Sony Corporation
|
CYIL1SM1300AA09 |
LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
|
Cypress Semiconductor
|
G10768-15 |
Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
|
Hamamatsu Corporation
|
C788307 C7883G |
High-speed driver circuit for current-output type NMOS linear image sensor
|
Hamamatsu Corporation
|
PL342 PL34120191000GDDC PL34120191000KKEX PL341201 |
High Sensitivity Chip Sensors Sideview Type; Type: Sideview Resin; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±14; Dark Infrared Light Emitting Diodes Top View Type; Type: Surface Mount Type (Sideview); Peak light emitting wavelength P (nm): 950; Half viewing angle Infrared Light Emitting Diodes Top View Type; Type: Sideview Resin; Peak light emitting wavelength P (nm): 950; Half viewing angle 1/2 (deg): ± High Sensitivity Chip Sensors Sideview Type; Type: Sideview Resin; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±32; Dark Printheads for Packaging High-Speed Printers; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 550; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 112; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Fast Recovery Diodes; Mounting style: Leaded type; Package size: 3.0x2.5(t=2.5); Number of terminal: 2; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 1; Schottky Barrier Diodes; Package: TO220FN; Constitution materials list: Packing style: Bulk; Package quantity: 500; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 81.3; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Distribution or Food Labels; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 850; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Fast Recovery Diodes; Mounting style: Surface mount; Package size: 2.6x1.6(t=0.8); Number of terminal: 2; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 0.7; Fast Recovery Diodes; Mounting style: Surface mount; Package size: 1.9x1.3(t=0.6); Number of terminal: 2; Reverse voltage VR(V): 100; Average rectified forward current IO(A): 0.5; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 850; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 203; Print width (mm): 112; Resistance tolerance (O): 550; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; Printheads for Packaging High-Speed Printers; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 850; Platen diameter (max.)(f): 50; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; High Sensitivity Chip Sensors Sideview Type; Type: Surface Mount Type; Peak sensitivity wavelength P (nm): 800; Viewing angle 1/2 (deg): ±12; Dark current ICEO (Max.)(µA): 0.5; Response time tr·tf (µA): 10; Yes; Reflective Type Photosensors (Photoreflectors); Type: Cased Type; Light Emitting Diode: 630; Phototransistor: 600; Collector current IC (Min.)(mA): 0.08; Response time tr·tf (µs): 10; Photointerrupter General Type; Packing style: Plastic bag; Package quantity: 400; 塑料无引线芯片载 Plastic Leadless Chip Carrier 塑料无引线芯片载 Printheads for Distribution or Food Labels; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 550; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 4.75 to 5.25; Supply voltage (V): 24; 塑料无引线芯片载 Lead Frame Remote Control Receiver Modules (5V Type); Packing style: Stick; Package quantity: 1000; 塑料无引线芯片载 660/780nm Dual Wave Low Power Lasers; Packing style: Tray; Package quantity: 500; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Leaded type; Package size: 15x10(t=4.5); Number of terminal: 3; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 20; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Leaded type; Package size: 15x10(t=4.5); Number of terminal: 3; Reverse voltage VR(V): 400; Average rectified forward current IO(A): 20; 塑料无引线芯片载 Fast Recovery Diodes; Mounting style: Surface mount; Package size: 5.5x6.5(t=2.3); Number of terminal: 3; Reverse voltage VR(V): 200; Average rectified forward current IO(A): 6;
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
2680FT15 2680RD12 2680FT12 2680RS28 2680RT12 2680F |
900MHz Image-Reject Transceivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Analog IC 模拟IC
|
Microchip Technology, Inc. Rohm Co., Ltd.
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|