PART |
Description |
Maker |
NE8392 NE8392C NE8392CA NE8392CN |
Coaxial transceiver interface for Ethernet/Thin Ethernet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
MS-162-HRMJ-1 MS-162-HRMJ-H1 |
Miniature Interface Coaxial Switch, DC to 10 GHz
|
Hirose Electric
|
OL5492N-2 OL592N_2_597N_2 OL597N-2 OL5497N-2 OL592 |
1.55 ?? 2 mW Coaxial Module 1.55 レm 2 mW Coaxial Module 1.55レ米2毫瓦同轴模块 1.55 m 2 mW Coaxial Module 1.55 um 2 mW Coaxial Module From old datasheet system 1.55 μm 2 mW Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets]
|
MS-147R-HRMJ |
Low profile interface coaxial switch; HRS No: 358-0212-0 00; Contact Mating Area Plating: Gold
|
Hirose Electric
|
ADM3202ARNZ-REEL ADM3202ARNZ-REEL7 ADM3202ARU-REEL |
High-Speed, 2-Channel RS232/V.28 Interface Devices DUAL LINE TRANSCEIVER, PDSO16 High-Speed, 3.3V, 2-Channel RS232/V.28 Interface Device with 460kBPS Data Rate and Shutdown and Enable Pins DUAL LINE TRANSCEIVER, PDSO18
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC485IN8PBF LTC485CN8TR LTC485CS8TR |
Low Power RS485 Interface Transceiver; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDIP8 Low Power RS485 Interface Transceiver; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
IM1800 |
Transceiver Interface Module
|
RFM[RF Monolithics, Inc]
|