PART |
Description |
Maker |
IRFPS43N50K IRFPS43N50 |
500V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A) Power MOSFET(Vdss=500V Rds(on)typ.=0.078ohm Id=47A)
|
IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STS1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A的SO - 8 MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STB6LNC60 |
N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh⑩II MOSFET N沟道600V 1ohm - 5.8A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMeshII MOSFET N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
FQD3N60CTMWS FQU3N60C |
N-Channel QFETMOSFET 600V, 2.4A, 3.4 N-Channel QFET® MOSFET 600V, 2.4A, 3.4Ohms
|
Fairchild Semiconductor
|
STE40NC60 |
N-CHANNEL 600V 0.098 OHM 40A ISOTOP POWERMESH II POWER MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh⑩II MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STS1NK60Z 9448 S1NK60Z |
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 13 OHM 0.25A SO-8 ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH?/a> Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|