PART |
Description |
Maker |
EX47080-00B EX47062-R0B EX47062-80B |
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
|
Axiomtek Co., Ltd.
|
EL1141 |
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX
|
Axiomtek Co., Ltd.
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
KSZ8993M KS8993M KS8993MI KS8993ML KSZ8993ML |
Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
|
Micrel Semiconductor
|
IP113F |
Managed 10/100Base-TX / FX Media Converter
|
ETC
|
KS8995FQI KS8995MAI KS8995MA11 |
Integrated 5-Port 10/100 Managed Switch
|
Micrel Semiconductor
|
NTCD-CFG |
Managed Gigabit Industrial Ethernet Switch
|
Red Lion Controls. Inc
|
MX6024 MX6024-20SFP-VHW |
24-Port Rackmount Managed Ethernet switches
|
List of Unclassifed Man...
|
ET-5MS-OEM |
OEM Industrial Ethernet Managed Switchsolutions
|
Red Lion Controls. Inc
|
ZL50409GDC ZL50409 |
Managed 9-Port 10/100M Ethernet Switch
|
ZARLINK[Zarlink Semiconductor Inc]
|