PART |
Description |
Maker |
KTA1666 |
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING) 外延平面PNP晶体管(功率放大器,功率开关) EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER/ POWER SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
2SA1723 |
PNP Epitaxial Planar Silicon Transistors High-Frequency Amplifier, Medium-Power Amplifier Applications
|
SANYO
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
KSB772 B772 KSB772Y KSB772G KSB772O KSB772R KSB772 |
PNP Epitaxial Silicon Transistor Audio Frequency Power Amplifier 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
KSB794 KSB795 KSB794OSTU KSB795OSTU |
Audio Frequency Power Amplifier 1500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126 Audio Frequency Power Amplifier 1500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126 PNP Epitaxial Silicon Darlington Transistor
|
Fairchild Semiconductor, Corp.
|
2SA1015L A1015 2SA1015 |
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER) Transistor Silicon PNP Epitaxial Type (PCT process) Audio Frequency Amplifier Applications Low Noise Amplifier Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SB1016AY 2SB1016AO 2SB1016A |
TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATIONS 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB
|
TOSHIBA
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
D45H8 NZT45H8 NZT45H8NL |
PNP Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor] http://
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|