PART |
Description |
Maker |
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
Z88C00-20VSC Z88C00-25VEC Z88C00-20VEC Z88C01-25VE |
Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218X; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:4A; Holding Current:30mA Microcontroller 微控制器 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA 8位微控制
|
Maxim Integrated Products, Inc.
|
BZX79 BZX79-A10 BZX79-A11 BZX79-A12 BZX79-A13 BZX7 |
0.8A TRIACS 稳压二极管兆 16A Snubberless" TRIAC 40A TRIACS 1 A triacs Sensitive 4Q 4A TRIAC 25 A standard and Snubberless" triacs 4A TRIACS Voltage regulator diodes
|
Mospec Semiconductor, Corp. Philips Semiconductors
|
BTA40-400A BTA40-700A BTA40-600A |
TRIAC ISOLIERTER INNENAUFBAU 40A 400V TRIAC ISOLIERTER INNENAUFBAU 40A 700V 可控硅ISOLIERTER INNENAUFBAU40A 700V TRIAC ISOLIERTER INNENAUFBAU 40A 600V 可控硅ISOLIERTER INNENAUFBAU40A 600V
|
STMicroelectronics N.V.
|
LY3 LY4N LY1 LY2 LY4S LY1-0 LY1-CR LY1-D LY1F LY1L |
General Purpose Relay Metal Oxide Resistor; Series:MP800; Resistance:0.020ohm; Resistance Tolerance: /- 5 %; Power Rating:20W; Temperature Coefficient:0 to 300 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 通用继电 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 通用继电 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 通用继电 General Purpose Relay 通用继电 RES 1206 475R 0.125W 1% 200V 100PPM/C Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Power Thick Film Resistor; Series:MK; Resistance:2Mohm; Resistance Tolerance: 1%; Power Rating:0.75W; Operating Temperature Range:-55 C to C
|
International Rectifier, Corp. Omron Electronics, LLC OMRON[Omron Electronics LLC] http://
|
40HA40 40HA60 40HFR20 40HFR80 40HA140 40HF140 40HF |
STANDARD RECOVERY DIODES 800V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1400V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1000V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1600V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 100V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1200V 40A Std. Recovery Diode in a DO-203AB (DO-5)package Trimmer Capacitor Solder Mount STANDARD RECOVERY DIODES 标准恢复二极 Trimmer Capacitor 标准恢复二极
|
http:// International Rectifier, Corp.
|
ECG5695 ECG56031 |
TRIAC|400V V(DRM)|40A I(T)RMS|TO-208AA TRIAC|600V V(DRM)|45A I(T)RMS|TO-218
|
|
HTP6A80H HTP6A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
BTA41 BTA40 BTA40-600B BTA40-600BRG BTA40-800B BTA |
600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC 40 A standard TRIACs 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMicroelectronics
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|