PART |
Description |
Maker |
HBV |
low esr and high ripple current
|
Surge Components
|
567UVG010MFBJ 187UVG016MFBJ |
High temperature ?Very Low ESR ?High ripple current ?stable with temperature ?High frequency
|
Illinois Capacitor, Inc...
|
CD287GC |
EC Radial 105°C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
|
Jianghai Europe GmbH
|
HPM |
PC SMD 105∑C Ultra Low ESR High Ripple Current 2.000h Miniaturized(Polymer SMD)
|
Jianghai Europe GmbH
|
HPM |
PC SMD 105∑C Ultra Low ESR High Ripple Current 2.000h Miniaturized(Polymer SMD)
|
南通江海电容器股份有限公司
|
CD284XY |
EC Radial 105°C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
|
Jianghai Europe GmbH
|
T495X476M035ATE300 T495X226M025ATE225 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
AEB106M2CJ32T-F AEB106M2EK32T-F AEB106M2VP44T-F AE |
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
|
Cornell Dubilier Electr...
|
L1136G-XX-AF5-R |
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies
|
CBR06C300FAGAC |
Ceramic, High Q, Microwave (CBR), 30 pF, 1%, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
|
Kemet Corporation
|
325642U016GP1 |
High Temperature and Ultra-Low ESR
|
Cornell Dubilier Electr...
|