PART |
Description |
Maker |
B1215RU B1211RU B1205RU |
Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters 超宽输入12瓦单
|
Electronic Theatre Controls, Inc.
|
TE10A0503B01 TE10A0603N01 TE10A0603C01 TE10A0503C0 |
10W-12W Single Output External Power
|
SL Power Electronics
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
5962-04253 |
12W Total Output Power 28 Vin 12 Vout Single DC-DC Rad-Tolerant Converter in an AMF Package. DLA Number 5962-04253
|
International Rectifier
|
NCS12S1212C NCS12D1205C NCS12D1212C NCS12D1215C NC |
UL 60950 recognition pending 4:1 Wide range voltage input Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
|
Murata Power Solutions Inc.
|
NSD05-S10 NSD05-12S5 NSD05-12S3 NSD05-48S12 NSD05- |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises Co., ...
|
SPR01 SPR01M-05 SPR01M-09 SPR01N-05 SPR01N-09 SPR0 |
1W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises C... Mean Well Enterprises Co., Ltd.
|
SRS-0505 SRS-0512 SRS-0509 SRS-0515 SRS-1205 SRS-1 |
0.5W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises C...
|
ISP1203A ISP1212A ISP1215 |
Single and Dual Regulated Outputs
|
XP Power Limited
|