PART |
Description |
Maker |
RLT360-BL-TO18 |
FEATURES AND APPLICATIONS
|
Roithner LaserTechnik G...
|
AT83EB5114 AT89EB5114-TGSIL AT83EB5114XXXTGRIL AT8 |
Low-pin-count 8-bit microcontroller with A/D converter Dedicated to lighting control applications, the AT83EB5114 retains all the features of the standard
|
ATMEL[ATMEL Corporation]
|
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
SX18AD75-I/DP SX28AD75-I/TQ SX18AD75-I/PQ SX28AD75 |
; Suppressor Type:Outlet Strip; Transient Energy Rating:4080J; External Depth:6.25"; Approval Bodies:cULus; Applications:High-quality TVSS for datacenters, industrial facilities and commercial buildings 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 8-BIT MICROCONTROLLER (SXxxxx) Configurable Communications Controllers Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:47min; Run Time - Full Load:21min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:700W; Run Time - Half Load:13min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:8 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:14min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:8000W; Run Time - Half Load:24min; Run Time - Full Load:10min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:13 RoHS Compliant: NA Data Line Surge Suppressor; Suppressor Type:Data Line; Peak Surge Current:6.5kA; Response Time:1ns; Connector Type A:IEC320-C8; Connector Type B:IEC320-C8; Fax/Modem Protection:Yes; Features:RJ-11 Modem/Fax protection
|
SCENIX Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
2SJ106 E001251 |
From old datasheet system AUDIO FREQUENCY AMPLIFIER APPLICATIONS ANALOG SWITCH APPLICATIONS CONSTANT CURRENT APPLICATIONS IMPEDANCE CONVERTER APPLICATIONS P CHANNEL JUNCTION TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
2SJ144 2SJ144-BL |
P-CHANNEL, Si, SMALL SIGNAL, JFET Field Effect Transistor Silicon P Channel Junction Type Audio Frequency Amplifier Applications Analog Switch Applications Constant Current Applications Impedance Converter Applications
|
TOSHIBA
|
TPCA8102 TPCA810206 |
Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor
|
2SC5703 |
Transistor Silicon NPN Epitaxial Type High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
|
TOSHIBA
|
TPCC8009 |
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications 24000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Toshiba Semiconductor
|