PART |
Description |
Maker |
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NM34W02EM8X |
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp.
|
AD5174BRMZ-10-RL7 AD5174BCPZ-10-RL7 |
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory, Package: 10 ld MSOP, 10 Pin, Temp: Ind 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO10 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO10 3 X 3 MM, 0.80 MM HEIGHT, ROHS COMPLIANT, LFCSP-10
|
Analog Devices, Inc.
|
5962H9475407QYC 5962H9475407QYA 5962H9475405VLA 59 |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Fuse-Programmable PLD 保险丝,可编程的PLD Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 保险丝,可编程的PLD
|
Harwin PLC
|
CAT5221 CAT5221YI-50TE13 CAT5221JI-00TE13 CAT5221J |
SOCKET SET, SURE DRIVE 1/2" 22 PCSOCKET SET, SURE DRIVE 1/2" 22 PC; Driver size:1/2"; Pieces, No. of:22 双数字可编程电位计(民进党)4个龙头和2线接 Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface 双数字可编程电位计(民进党)4个龙头和2线接 DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 LEAD AND HALOGEN FREE, TSSOP-20 Dual 64-Tap DPP with 2-Wire Interface
|
Microsemi, Corp. ON Semiconductor CATALYST[Catalyst Semiconductor]
|
X9438WP24-2.7 X9438WP24I-2.7 X9438WS24I-2.7 X9438W |
VGA VIDEO CABLE 25 FT MM DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP24 VGA VIDEO CABLE 75 FT MM DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP24 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|