PART |
Description |
Maker |
IP4812SA IP4815S IP4803SA IP4805S IP4805SA |
Regulated Single & Dual Output
|
XP Power Limited
|
RR3-1215S03AX RR3-1215D03AX RR3-1212S03AX RR3-1212 |
3 Watt 2:1 regulated single & dual output
|
RSG Electronic Components GmbH RSG Electronic Components G...
|
RR7-2405S06AX RR7-2403D06AX RR7-2403S06AX RR7-2405 |
6 Watt 4:1 regulated single & dual output
|
RSG Electronic Componen...
|
WRF1207YD-5W WRF1203YD-1250 WRF1205YD-5W WRE4815YD |
5W,2:1 WIDE INPUT,ISOLATED®ULATED DUAL/SINGLE OUTPUT DIP24 DC/DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
10A-ZMD 10B4815ZMD 10B2403ZMD |
10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
WRB4824YQD-40W WRB2424YQD-40W WRA2405YQD-40W WRA48 |
30W~40W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
WRB4815ZT-1W5 WRB4805ZT-1W5 WRA4815ZT-1W5 WRA4805Z |
1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
|
Microdc power Technology Co., Ltd
|
WRB2412YD-2W WRA1212YD-2W WRB1212YD-2W WRA2412YD-2 |
2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER 2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
REC15-XX12SZ/H/M REC15-XX3.4S/H/M REC15-XX3.4SZ/H/ |
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1 package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1?package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
|
Recom International Power Recom International Pow...
|