PART |
Description |
Maker |
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FDN342P |
P-Channel 2.5V Specified PowerTrench MOSFET TRANSISTOR|MOSFET|P-CHANNEL|20VV(BR)DSS|2AI(D)|TO-236AB
P-Channel 2.5V Specified PowerTrench⑩ MOSFET
|
Fairchild Semiconductor
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
FDMS7650 |
30V N-Channel PowerTrench® MOSFET; 8-Power 56 (PQFN) 36 A, 30 V, 0.99 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench? MOSFET 30 V, 60 A, 0.99 mΩ N-Channel PowerTrench垄莽 MOSFET 30 V, 60 A, 0.99 m楼?
|
Fairchild Semiconductor, Corp.
|
ZXM64N035L3 |
N-channel MOSFET 35V N-CHANNEL ENHANCEMENT MODE MOSFET 13 A, 35 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
IRFP040 IRF9622 IRF9612 IRFP362 IRFP343 |
TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 8.4A I(D) | TO-247AC TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 1.5A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 1.5AI(四)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 20A I(D) | TO-247 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 900MA I(D) | TO-220AB TRANSISTOR|MOSFET|P-CHANNEL|200VV(BR)DSS|1.5AI(D)|TO-220AB
TRANSISTOR|MOSFET|N-CHANNEL|50VV(BR)DSS|40AI(D)|TO-247AC
|
International Rectifier, Corp.
|
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
FDN302 FDN302P FDN302PNL FDN302PL99Z |
CAP CER 2.2UF 16V 10% X5R 1206 2400 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel 2.5V Specified PowerTrench MOSFET P-Channel 2.5V Specified PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
|