PART |
Description |
Maker |
IN74HCT00A |
Outputs Directly Inferface to CMOS
|
IK Semicon Co., Ltd
|
PI3B32X384BE PI3B32X384 PI3B32X384B |
PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs PI3B32X384是一.3V0位总线开关的设计,在低电阻允许投入直接连接到输出 From old datasheet system
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
CAT5122TPI-50-T10 CAT5120 CAT5120SBI-00-T CAT5120S |
16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头2线接口MiniPot数字可编程电位器 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头线接口MiniPot数字可编程电位器 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 48-SSOP -40 to 85 Crimping Tool, Heavy-Duty, Lever-Type, 8 AWG, 6 AWG, 4 AWG, 2 AWG RoHS Compliant: NA 16-Tap MiniPot, Volatile MiniPot, Up/Down Interface 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
|
Macronix International Co., Ltd. Electronic Theatre Controls, Inc. Bourns, Inc. CATALYST[Catalyst Semiconductor]
|
SI91872DMP-50-T1 SI91872 SI91872DMP-12-E3 SI91872D |
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option 300 - mA的低噪音LDO调节器错误国旗和放电期权 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-PDIP 0 to 70
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
AT73C202 |
Power Management for Mobiles (PM) 2-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA49 The AT73C202 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with state-of-the-art cellular phones, for example with 2.5G GSM phones. It includes all required power supplies tailored to be ful
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PI74ALVCH16823 |
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
HD74ALVCH16821 |
3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
ADAV802 ADAV802AST |
Stereo Codec with Differential DAC Outputs, SPDIF and SPI Interface
|
Analog Devices
|
IDT74ALVC16841 |
3.3V CMOS 20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
|
IDT
|
CG-BGA-4011 |
Directly mounts to target PCB with hardware
|
Ironwood Electronics.
|
513AL-01 |
Electronic versions are uncontrolled except when accessed directly
|
ON Semiconductor
|