PART |
Description |
Maker |
BR93A66RFJ-W BR93A66FJ-W BR93A66F-W BR93A66RF-W BR |
Microwire BUS 4Kbit(256 x 16bit) EEPROM
|
ROHM[Rohm]
|
BR93L56RF-W BR93L56F-W BR93L56-W BR93L56FV-W BR93L |
Microwire BUS 2Kbit(128 x 16bit) EEPROM
|
ROHM[Rohm]
|
AK4641EN |
16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
|
Asahi Kasei Microsystems
|
M66307FP M66307SP M66307E |
From old datasheet system LINE SCAN BUFFER with 16BIT MPU BUS COMPATIBLE LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
A43L8316AV-5 A43L8316AV-5.5 A43L8316AV-6 A43L8316A |
Cycle time:5ns; 200MHz CL=3 access time:4.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:5.5ns; 183MHz CL=3 access time:5.0ns 128K x 16bit x 2banks synchronous DRAM Cycle time:6ns; 166MHz CL=3 access time:5.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:6.0ns 128K x 16bit x 2banks synchronous DRAM
|
AMIC Technology
|
HY57V641620HGT-6I HY57V641620HGT-7I HY57V641620HGT |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 5 ns, PDSO54 x16 SDRAM x16内存 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:MLCC; Dielectric Material:Ceramic; Leaded Process Compatible:Yes CAP SMD 0805 .01UF 50V 5% CONNECTOR ACCESSORY From old datasheet system
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
27C160 M27C160 M27C160-100B1 M27C160-100B1TR M27C1 |
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM 16兆位Mb x8兆x16紫外线存储器和OTP存储 IC BUFF/DRVR 16BIT 3ST 48-TSSOP 16兆位Mb x81兆x16紫外线存储器和OTP存储 16-Bit Transparent D-Type Flip-Flop 16兆位Mb x8兆x16紫外线存储器和OTP存储 IC ADRSS DRVR REG 1-4BIT 56TSSOP 16兆位Mb x8兆x16紫外线存储器和OTP存储 16-Bit Bi-directional Bus Transceiver
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
AK4563A AK4563AVF |
Low Power 16bit 4ch ADC & 2ch DAC with ALC Low Power 16bit 4ch ADC & 2ch DAC with ALC 低功6通道ADC
|
Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
W982516AH-75 W982516AH75L W982516AH-7 W982516AH-8H |
4M x 4 BANKS x 16BIT SDRAM
|
WINBOND[Winbond]
|
HY51V18163HGJ HY51V18163HGJ-5 HY51V18163HGJ-6 HY51 |
1M x 16Bit EDO DRAM
|
Hynix Semiconductor
|
M52S32162A M52S32162A-10BG M52S32162A-10TG M52S321 |
1M x 16Bit x 2Banks Synchronous DRAM
|
Elite Semiconductor Memory Technology Inc.
|