PART |
Description |
Maker |
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
T10C T10C110 T10C140 T10C180 T10C220 T10C270 T10C8 |
3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE3 Point Connector Block 5B. 3端配置,比赛在应用程序插件GDT中引脚配置,适合在科龙⑩3点连接器5B条 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE⑩ 3 Point Connector Block 5B. 3 Terminal configuration matches G.D.T. pin configuration For Plug in Applications fits in KRONE 3 Point Connector Block 5B. 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE 3 Point Connector Block 5B. SiBOD
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
C-796634 1-796634-0 2-796634-0 4-796634-0 5-796634 |
TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
|
Tyco Electronics
|
4-796640-0 4-796640-1 4-796640-2 4-796640-3 4-7966 |
TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
|
Tyco Electronics
|
39940-0617 39940-0618 39940-0620 39940-0720 39940- |
PLUG RWE EMATE 17 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK PLUG RWE EMATE 18 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK PLUG RWE EMATE 20 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK PLUG FWE EMATE 20 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK PLUG RWE EMATE 11 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK PLUG RWE EMATE 4 ASY BLK 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Molex, Inc.
|
1-1546226-0 2-1546226-0 |
TERMINAL BLOCK PLUG 90/270 DEGREE 5.0mm PITCH
|
Tyco Electronics
|
1-284510-0 2-284510-0 284510-2 284510-4 284510-3 2 |
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
|
Tyco Electronics
|
C-796858 796858-4 796858-5 796858-6 796858-8 79685 |
TERMINAL BLOCK PLUG, 90 DEGREE, WITH FLANGE 5.00mm PITCH
|
Tyco Electronics
|
|