PART |
Description |
Maker |
1.5KE350 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1N6 |
TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb????靛?????? TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器TransZorb瞬变电压抑制器) UHV 95-KH/KH TRANSZORB⑩瞬态电压抑制器 PT 2,5/ 7-7,5-H TRANSZORB⑩瞬态电压抑制器 TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 PTA 1.5/14-3.5 PTSA 0.5/11-2.5-Z TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB Transient Voltage Suppressors TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor]
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
DLZ5 DLZ19C DLZ19CA DLZ8CA DLZ12A DLZ13C DLZ17A |
Transient Voltage Suppressor / Data Line Transient Suppressor Transient Voltage Suppressor 1300 W, UNIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE Transient Voltage Suppressor 1300 W, BIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
P4KA30A P4KA20 P4KA20A P4KA6.8A P4KA6.8 P4KA7.5A P |
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR 汽车瞬态电压抑制器 Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 25V; Packaging: Tape & Reel Automotive Transient Voltage Suppressor(汽车瞬变电压抑制
|
GE Security, Inc. GE[General Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
BZW04-154 BZW04-23 BZW04-188 BZW04-213 BZW04-299 B |
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR Glass Passivated Junction Transient Voltage Suppressor
|
General Semiconductor
|
TV02W150B-G TV02W120B-G TV02W280B-G TV02W330B-G TV |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
MMBZ27VDA MMBZ27VDC MMBZ6V8DC MMBZ15VDA MMBZ15VDC |
DIODE 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE, TO-236AB, PLASTIC PACKAGE-3, Transient Suppressor Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
|
VISHAY SEMICONDUCTORS VISAY[Vishay Siliconix]
|
1.5SMC220 1.5SMC6V8 1.5SMC6V8A 1.5SMC6V8C 1.5SMC6V |
130 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode 1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 220 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Fagor
|
|