PART |
Description |
Maker |
ABS2 |
1A, 200V - 1000V Glass Passivated Bridge Rectifiers
|
Taiwan Semiconductor Co...
|
S20GBJ40-C |
Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
BYV27-1GE BYV27-200 BYV27-2GE |
Super Fast Recovery Pack: DO-15 GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE?00 TO 200V CURRENT 2.0A
|
Gulf Semiconductor
|
BYV36A |
Fast Recovery Pack: SOD-57 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
|
GULF SEMI Gulf Semiconductor
|
ACDSW21-G |
Small Signal Switching Diodes, V-RRM=200V, V-R=200V, P-D=250mW, I-F=200mA
|
Comchip Technology
|
CURMT103-HF |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A
|
Comchip Technology
|
CDBB5200-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=200V, V-R=200V, I-O=5A
|
Comchip Technology
|
IRFS30N20D |
200V,30A SMPS MOSFET for High frequency DC-DC converters(200V,30A开关电MOSFET用于高频DC-DC变换
|
International Rectifier
|
HD01 HD0110 HD02-T HD03-T HD04-T HD01-15 HD05-T HD |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER RECTIFIER BRIDGE 0.8A 200V 30A-ifsm 1V-vf 5uA-ir MiniDIP 3K/REEL-13 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes Incorporated
|
1N4001GP 1N4002GP 1N4003GP 1N4004GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 50V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 100V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V
|
Vishay
|
OM6035NM |
200V, N-Channel, 30Amp MOSFET(200V ,30A, N沟道,MOS场效应管) 00V,N沟道30Amp MOSFET的(00V0A条,沟道来说,MOS场效应管
|
Omnirel International Rectifier, Corp.
|