PART |
Description |
Maker |
ST90E158 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
ST Microelectronics
|
ST62E01C ST62E01CD1 ST6201CB1 ST6201CB3 ST6203CB6 |
(ST62T00C / ST62T01C / ST62T03C / ST62E01C) 8-BIT OTP/EPROM MCUs IC-8-BIT MCU 1K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS 8位检察官办公存储器与阿微控制 D转换器,振荡器保障,安全复位16个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ST62P52CM6 ST62P52CM3 ST62P52CM1 ST62P52CB6 ST62P5 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM 8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM (ST62xxx) 8-BIT OTP/EPROM MCUs From old datasheet system
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST6260BB6_XXX ST6263BB6_XXX ST6253CM3_XXX ST62P53C |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. SAFE RESET. AUTO-RELOAD TIMER. EEPROM AND SPI 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。安全复位。自动重加载定时器。的EEPROM和SPI MEM, SDRAM, DDR, MT46V8M16, TSOP66, 8MX16, 7.5 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
|
STMicroelectronics
|
ST9293J5 |
8/16-BIT MICROCONTROLLER (MCU) WITH 48K ROM, OTP, EPROM WITH ON SCREEN DISPLAY AND A/D CONVERTER
|
SGS Thomson Microelectronics
|
ST72251G2B1 ST72251G1B6 ST72251G2M1 |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WGD, SPI, I2C AND 2 TIMERS
|
ST Microelectronics
|
ST7210101 ST72213G1B3 ST72213G1B6 ST72213G1M1 ST72 |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMicroelectronics
|
ST72T12 |
8-BIT MICROCONTROLLER (MCU) WITH 8 TO 16 K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI & 2 TIMERS - SDIP42, TQFP44
|
SGS Thomson Microelectronics
|
ST72T311J4B3S |
8-BIT MICROCONTROLLER (MCU) WITH 8 TO 16K ROM/OTP/EPROM,384 TO 512 BYTES RAM,ADC,WDG,SCI,SPI AND 2 TIMERS - SDIP42/56, QFP44/64
|
ST Microelectronics
|
M27C800-100B1TR M27C800-100B6TR M27C800-100F1TR M2 |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM
|
意法半导 STMicroelectronics ST Microelectronics
|