PART |
Description |
Maker |
PIC18F2620 |
(PIC18F2525/2620/4525/4620) Enhanced Flash Microcontroller
|
Microchip Technology
|
CSV-RM12-1S-12P-TZ |
CSV-RM12-1S-12P-TZ
|
Ferroxcube International Holding B.V.
|
CSV-RM8-2S-12P |
CSV-RM8-2S-12P
|
Ferroxcube International Holding B.V.
|
PTFC261402FC |
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ?2690 MHz
|
Cree, Inc
|
HMC840LP6CE |
FRACTIONAL-N PLL WITH INTEGRATED VCO 1310 - 1415, 2620 - 2830, 5240 - 5660 MHz
|
Hittite Microwave Corporation
|
1-350374-9 |
Soft Shell - Accessories; 12P STR/REL HNGD ( AMP )
|
Tyco Electronics
|
ADNS-2620 |
ADNS-2620 · Small Form Factor Entry-Level Optical Mouse Sensor with Performance Features
|
Agilent (Hewlett-Packard)
|
ADNS-2620 HDNS-2200001 HDNS-2100001 HLMP-ED80-XXXX |
Solid-State Optical Mouse Sensor ADNS-2620 · Small Form Factor, Entry-Level Optical Mouse Sensor with Performance Features
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
22-05-3051 22-05-3221 22-05-3211 22-05-3171 22-12- |
Pin Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Header; Body Material:PA Polyamide (Nylon); Terminal Type:Right Angle PCB Thru Hole RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 22 CKT TIN 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 17 CKT TIN 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CON, 12P, 0.1SP, RA, LOCKING 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 28 CKT TIN 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT TIN 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 10 CKT TIN 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT GOLD 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT GOLD KK 100 HDR FRLK RTAN 22 CKT GOLD Pin Header; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:7478; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin; Mounting Type:Through Hole
|
Molex, Inc. MOLEX INC
|
|