PART |
Description |
Maker |
FMS6501MSA28 FMS650107 |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor
|
H11AA1-M H11AA1-MS H11AA1-MSR2 H11AA1-MSR2V H11AA1 |
AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER 8360 TBGA ENCRP NO-PB 6-Pin DIP AC Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
ATH030A0X3-SRPHZ ATS030A0X3-SRPHZ ATS020A0X3-SRPHZ |
4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
|
http:// Lineage Power Corporation
|
A6832 A6832EEP-T A6832SEP |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom DABiC-5 32-Bit Serial Input Latched Sink Drivers
|
Allegro MicroSystems, Inc.
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
WS57C43C-1 WS57C43C-35 WS57C43C-35CMB WS57C43C-45 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM HIGH SPEED 4K x 8 CMOS PROM/RPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NJU7045 NJU7045RB1 NJU7045F1 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 Input/Output Full-Swing High Output Currentq_Single C-MOS Operational Amplifier with Shutdown From old datasheet system Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier with Shutdown
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|