PART |
Description |
Maker |
WP710A10ID5V |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
GN01032N |
Gallium Arsenide Devices
|
Panasonic
|
OH10011 |
Gallium Arsenide Devices
|
Panasonic
|
GN01010 |
Gallium Arsenide Devices
|
Panasonic
|
GN01025 |
Gallium Arsenide Devices
|
Panasonic
|
GN01037B |
Gallium Arsenide Devices
|
Panasonic
|
GN04054N |
Gallium Arsenide Devices
|
Panasonic
|
DGS10-022AS |
Gallium Arsenide Schottky Rectifier 9 A, 220 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-263AB
|
IXYS, Corp.
|
MGRB2025CT MGRB2025CT_D ON1884 |
From old datasheet system GALLIUM ARSENIDE RECTIFIER 20 AMPERES 250 VOLTS Power Manager Gallium Arsenide Power Rectifier
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi
|
DGSS10-06CC |
Gallium Arsenide Schottky Rectifier 11 A, 300 V, GALLIUM ARSENIDE, RECTIFIER DIODE
|
IXYS, Corp.
|
ML4641-186 ML4962-275 ML4962-138 ML4520-30 ML4520- |
300 V, SILICON, PIN DIODE 40 GHz - 50 GHz, GALLIUM ARSENIDE, GUNN DIODE KA BAND, 5.5 pF, 30 V, GALLIUM ARSENIDE, ABRUPT VARIABLE CAPACITANCE DIODE 150 V, SILICON, PIN DIODE 27 GHz - 32 GHz, GALLIUM ARSENIDE, GUNN DIODE
|
|
ATF-10736 ATF-10736-STR ATF-10736-TR1 ATF-10736-TR |
0.5-12 GHz General Purpose Gallium Arsenide FET 0.5?12 GHz General Purpose Gallium Arsenide FET 0.512 GHz General Purpose Gallium Arsenide FET
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
|