PART |
Description |
Maker |
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ST730A ST730AB ST730ABD ST730ABD-TR ST730ABN ST730 |
MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:2.85A; On-Resistance, Rds(on):0.09ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS 5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LX1736 |
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
|
MICROSEMI[Microsemi Corporation]
|
NCP1253ASN65T1G NCP1253BSN100T1G NCP1253BSN65T1G N |
Current-Mode PWM Controller for Off-line Power Supplies Current-Mode PWM Current-Mode PWM Power Supplies
|
ON Semiconductor
|
LT1619EMS8 LT1619ES8 LT1619 |
Low Voltage Current Mode PWM Controller
|
LINER[Linear Technology]
|
MAX1759513 SI9102DJ02-E3 SIP2804DY-T1 |
Peak-Current-Mode Controllers for Flyback and Boost Regulators Switching Converters, Regulators & Controllers 3W HV Switchmode Reg Current Mode PWM Controllers 50% MDC, 5V High-Speed/Low-Power
|
Maxim Integrated Products
|
MAX5069 MAX5069DAUE MAX5069A MAX5069AAUE MAX5069B |
High-Frequency / Current-Mode PWM Controller with Accurate Oscillator and Dual FET Drivers High-Frequency, Current-Mode PWM Controller with Accurate Oscillator and Dual FET Drivers GT 10C 10#16 PIN PLUG
|
http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|