PART |
Description |
Maker |
AS7C331MNTD32-36A_V1.6 AS7C331MNTD36A-200TQIN AS7C |
LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 3000; Container: Reel 1M X 32 ZBT SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 3.3V 1M x 32/36 Pipelined SRAM with NTD From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ADR5045 ADR5040 ADR5044 |
Precision Micropower Shunt Mode Voltage Reference Applications (5.0 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (2.048 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (4.096 V-out)
|
Analog Devices
|
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C331MNTF32-36A.V1.2 AS7C331MNTF36A-85TQIN AS7C3 |
LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 ZBT SRAM, 8.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/AMMO 3.3V 1M x 32/36 Flowthrough SRAM with NTD From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
LT1389-5 LT1389-4.096 LT1389-2.5 LT1389-1.25 1389F |
Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Nanopower Precision Shunt Voltage Reference(毫微功率,精密分流电压基 From old datasheet system Micropower Precision Shunt Voltage Reference Nanopower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
TS822 TS822AIL TS822AIZ TS822IL TS822IZ TS822L TS8 |
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
AMS255BM AMS255 AMS255A AMS255AM AMS255B |
MICROPOWER SHUNT VOLTAGE REFERENCE
|
ADMOS[Advanced Monolithic Systems]
|
AMS4041 AMS4041AL AMS4041BM AMS4041AM AMS4041AN AM |
MICROPOWER SHUNT VOLTAGE REFERENCE
|
Advanced Monolithic Sys... Advanced Monolithic Systems
|
TS822IZ-AP TS822AIZ-AP TS822ILT |
2.5V micropower shunt voltage reference
|
STMicroelectronics 意法半导
|
AMS25505 |
MICROPOWER SHUNT VOLTAGE REFERENCE
|
Advanced Monolithic Systems
|
LM4041DH5TA LM4041CH5TA |
Precision Micropower Shunt Voltage References
|
Diodes
|