PART |
Description |
Maker |
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
X9430 X9430WS24 X9430WS24-2.7 X9430WS24I X9430WS24 |
Dual Digitally Controlled Potentiometer (XDCP⑩) with Operational Amplifier Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
|
XICOR[Xicor Inc.]
|
X9410 X9410WP24 X9410WP24-2.7 X9410WP24I X9410WP24 |
Dual Digitally Controlled Potentiometer
|
XICOR[Xicor Inc.]
|
X93254UV14I-3 X93254 |
DUAL DIGITALLY CONTROLLED POTENTIOMETERS
|
INTERSIL[Intersil Corporation]
|
X93256 X93256UV14I-2.7 X93256WV14I-2.7 |
DUAL DIGITALLY CONTROLLED POTENTIOMETERS
|
INTERSIL[Intersil Corporation]
|
ISL22426 ISL22426UFV14Z ISL22426WFV14Z |
Dual Digitally Controlled Potentiometer
|
Intersil Corporation
|
MX029 |
MX029 Dual Digitally Controlled Amplifier
|
CONSUMER MICROCIRCUITS LIMITED
|
X9455_06 X9455 X9455TV24I-2.7 X9455TV24IZ-2.7 X945 |
Dual Two-wiper Digitally-Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
ISL95811 ISL95811UFRTZ ISL95811UFRTZ-TK ISL95811UF |
Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP T&R Single Digitally Controlled Potentiometer (XDCP垄芒) Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X9455 X9255 |
Dual Two-wiper Digitally-Controlled Potentiometer(带两个滑动端的双路数控电位器) Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer(带两个滑动端的双路数控电位器(XDCP))
|
Xicor Inc.
|