PART |
Description |
Maker |
FYS-8016AX-00 FYS-8016AX-01 FYS-8016AX-02 FYS-8016 |
0.80 Inch (20.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYT-4031KX-20 FYT-4031KX-22 FYT-4031KX-21 FYT-4031 |
0.40 Inch (10.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
FYT-5631HX-00 FYT-5631GX-00 FYT-5631GX-20 |
0.56 Inch (14.20mm) digit height Three Digits Display 0.56 Inch (14.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
BQ-N512RD |
0.56(14.20MM) FOUR DIGIT LED DISPLAY 0.5614.20MM)四个数字的LED显示
|
Bright LED Electronics, Corp.
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
BQ-M51DRD |
14.20mm (0.56") high four digit seven segments display. 十四点二○毫米(0.56“)段显示器 14.20mm (0.56) high four digit seven segments display.
|
Electronic Theatre Controls, Inc. BRIGHT LED ELECTRONICS CORP
|
LTS4801G LTS-4801G |
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY 0.4英寸数字高度个位数七段显示器
|
Lite-On Technology, Corp. 光宝科技股份有限公司 Lite-On Technology Corporation
|
FYS-5015BX-01 FYS-5015BX-02 FYS-5015AX-00 FYS-5015 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-10012AX-40 FYS-10012AX-41 |
1.00 Inch (25.40mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|