PART |
Description |
Maker |
CY7C1019CV33-10ZXA CY7C1019CV33-10ZXAT |
1-Mbit (128 K 8) Static RAM
|
Cypress
|
CY62137EV30LL-45BVXI CY62137EV30LL-45BVXIT CY62137 |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62136ESL-45ZSXIT |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62128ELL-45SXAT CY62128ELL-45SXI CY62128ELL-45ZX |
1-Mbit (128 K 8) Static RAM
|
Cypress
|
CY62128EV30LL-45ZAXI |
1-Mbit (128 K × 8) Static RAM Typical standby current: 1 μA
|
Cypress Semiconductor
|
AM42DL16X2D |
16 Mbit (2 M x 8-Bit/1 M x 16-Bit) CMOS and 2 Mbit (128 K x 16-Bit) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
CY62147DV30 CY62147DV30LL-70ZSXI CY62147DV30L CY62 |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AM42DL6402G85IS AM42DL6402G85IT AM42DL6402G70IS AM |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
SPANSION[SPANSION]
|
AM49PDL127AH70IS AM49PDL127AH70IT AM49PDL127AH61IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
|
SPANSION[SPANSION]
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|