PART |
Description |
Maker |
AZ100E116FN AZ10E116 |
ECL/PECL Quint Differential Line Receiver ECL / PECL的昆特差分线路接收器
|
Arizona Microtek, Inc.
|
AZ10E142FN |
ECL/PECL 9-bit Shift Register ECL / PECL位移位寄存器
|
Arizona Microtek, Inc.
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
AZ100EL01D AZ100EL01T |
ECL/PECL 4-Input OR/NOR ECL / PECL输入或非
|
Arizona Microtek, Inc.
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MAX9600 MAX9600EUP MAX9601EUP MAX9602EUG MAX9600-M |
双ECL和双/四路PECL00ps的,超高速比较器 Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators 500ps Dual Ultra-Fast ECL- Output Comparator 500ps Quad Ultra-Fast PECL-Output Comparator Dual ECL and Dual/Quad PECL 500ps Ultra-High-Speed Comparators
|
MAXIM[Maxim Integrated Products]
|
HS-A877-FREQ HS-A871-FREQ HS-A870-FREQ HS-A870 HS- |
Positive ECL (PECL)
|
http:// NEL[Nel Frequency Controls,inc] ETC
|
AZ100LVEL58D AZ100LVEL58NG AZ100LVEL58T |
ECL/PECL 2:1 Multiplexer
|
Arizona Microtek, Inc.
|
AZ100EL32 |
ECL/PECL / 2 Divider
|
Arizona
|
GXO-E93PS GXO-E93PD GXO-E93NS GXO-E93ND GXO-E93 |
ECL/ PECL OSCILLATOR
|
GOLLEDGE[Golledge Electronics Ltd]
|