PART |
Description |
Maker |
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD1893JST AD1893 AD1893JN AD1893JSTZ |
Low Cost SamplePort 16-Bit ASRC Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
|
AD[Analog Devices]
|
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8034 AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD803 |
Low Cost, 80 MHz FastFET ⑩ Op Amps AD8033/AD8034:LowCost.80MHzFastFET?OpAmpDataSheet(Rev.B.2/03)
Low Cost, 80 MHz FastFET Op Amps
|
AD[Analog Devices]
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
MAX6516-BMAX6519 MAX6516-MAX6519 MAX6519UK MAX6516 |
Low-Cost / 2.7V to 5.5V / Analog Temperature Sensor Switches in a SOT23 Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 Low-Cost. 2.7V to 5.5V. Analog Temperature Sensor Switches in a SOT23 8-Bit Shift Register 20-PDIP -40 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|