PART |
Description |
Maker |
SY100E446JZ |
4-BIT PARALLEL-TO-SERIAL CONVERTER 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
Micrel Semiconductor, Inc.
|
74F675ASPC 74F675ASC 74F675APC 74F675A |
16-Bit Serial-In, Serial/Parallel-Out Shift Register F/FAST SERIES, 16-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO24
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
MC74HC165AN MC74HC165A MC74HC165AD MC74HC165ADR2 M |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS 8-Bit Serial or Parallel-Input/Serial-Output Shift Register
|
ONSEMI[ON Semiconductor]
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
74HC164 MM74HC164MXNL MM74HC164MTCXNL MM74HC164MX |
Zener Diode 225 mW 16 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-in/Parallel-out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC54HC164AJ MC54_74HC163A MC74HC164ADT ON1365 MC54 |
8-Bit Serial-Input/Parallel-Output Shift Register 8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGLSTER From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
AD660BRZ-REEL AD660ARZ-REEL1 AD660BRZ-REEL1 AD660A |
Monolithic 16-Bit Serial/Byte DACPORT; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial SERIAL, PARALLEL, 8 BITS INPUT LOADING, 2.5 us SETTLING TIME, 16-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
74HC595D 74HC595DB 74HC595N 74HC595PW |
8-bit serial-in/serial or parallel-out shift register with output latches 3-state
|
Philips
|