PART |
Description |
Maker |
IRF7534D1 IRF7534D1TR |
-20V FETKY - MOSFET and Schottky Diode in a Micro 8 package FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V) Co-packaged HEXFET Power MOSFET and Schottky Diode(同封HEXFET晶体管和肖特基二极管)
|
IRF[International Rectifier]
|
35SGQ060 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 60A Hi-Rel Schottky Discrete Diode in a TO-254AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
63CNQ100 63CNQ080 63CNQ100SL 63CNQ100SM 63CNQ |
SCHOTTKY RECTIFIER 100V 60A Schottky Common Cathode Diode in a D61-6-SL package 100V 60A Schottky Common Cathode Diode in a D61-6-SM package
|
IRF[International Rectifier]
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
SBL6060PT SBL6030PT SBL6030PT_1 SBL6040PT SBL6050P |
60A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
MBR60100 MBR60100R MBR6080 MBR6080R MBR6045 MBR606 |
Schottky Power Diode, 60A
|
Naina Semiconductor ltd. Naina Semiconductor ltd...
|
SBL6030PT-15 |
60A SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated
|
FST6340L FST6330L FST6320L FST6315L FST63100L FST6 |
SCHOTTKY DIODES MODULE TYPE 60A
|
TRANSYS Electronics Limited
|
S60SC3ML |
Schottky Rectifiers (SBD) (30V 60A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
NTE6045 NTE5926 NTE5927 NTE6020 NTE6026 |
Industrial Silicon Rectifier, 60A 工业硅整流,60A
|
NTE Electronics, Inc. NTE[NTE Electronics] http://
|