PART |
Description |
Maker |
RFP45N06LE RF1S45N06LESM FN4076 |
From old datasheet system 45A/ 60V/ 0.028 Ohm/ Logic Level N-Channel Power MOSFETs 45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
IRFZ44 |
50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
VISHAY INTERTECHNOLOGY INC
|
STRH100N10FSY3 |
72 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA HERMETIC SEALED PACKAGE-3
|
ST Microelectronics
|
503304-4410 5033044410 SD-503304-001 SD-503304-002 |
0.40mm (.016) Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 0.70mm (.028)
|
Molex Electronics Ltd.
|
P40NF10L 8916 STP40NF10L |
N-CHANNEL 100V - 0.028 OHM - 40A TO-220 LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 100V - 0.028 OHM - 40A TO-220 LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
KDS8958 |
N-Channel 7.0 A, 30 V RDS(ON) = 0.028 RDS(ON) = 0.040 Fast switching speed Dual N & P-Channel PowerTrench MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
NTD32N06L-1G NTD32N06L-001 NTD32N06LG NTD32N06LT4G |
Power MOSFET 32 Amps, 60 Volts 32 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
AP9965GEJ AP9965GEH |
N-CHANNEL ENHANCEMENT MODE POWER MOSFET 27 A, 40 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
Advanced Power Electronics Corp.
|
IRFZ44 IRFZ44PBF IRFZ44-005 |
50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
AP4525GEH |
30V N-Channel PowerTrench MOSFET 15 A, 40 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, TO-252 N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
|