PART |
Description |
Maker |
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
CIL858O CIL859O CIL2229Y CIL2331 CSC2331 CIL857O C |
TRANSISTOR | BJT | NPN | 250V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 300V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 700MA I(C) | TO-237AA TRANSISTOR | BJT | NPN | 200V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 1.5A I(C) | TO-237AA TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1.5A I(C) | TO-237 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | TO-237 晶体管|晶体管|进步党| 160V五(巴西)总裁|37 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.5A I(C) | TO-237AA
|
Infineon Technologies AG
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SC2229Y BF594 2SC1815GR 2SC1815O BF596 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 30MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 50mA的一c)|2 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 25MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 25mA电流一(c)|2
|
Lumex, Inc. Atmel, Corp.
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
GA1A4Z GA1A4Z-T2 GA1A4ZL69-T1 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR SUPER MINIMOLD PACKAGE-3 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR Hybrid transistor
|
NEC, Corp.
|