PART |
Description |
Maker |
UPSR100G-S08-T UPSR100L-S08-R UPSR100G-S08-R UPSR1 |
HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
|
Unisonic Technologies
|
UC1100 UC1100G-AG6-R |
LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
|
Unisonic Technologies
|
UPSR100G-S08-R UPSR100-15 |
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
|
Unisonic Technologies
|
LT1548 |
High Precision CC/CV Primary-Side PWM Power Switch
|
Longtium Microelectronics
|
UCSR3651SG-D07-T UCSR3651SL-D07-T UCSR3651SG-S08-T |
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
|
Unisonic Technologies
|
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|
VFC1206RABT VFC1206RABW VFC1206RBBT VFC1206RCBT VF |
High Precision Flip Chip, Patents Pending (Industrialized Countries) High Precision Flip Chip Patents Pending (Industrialized Countries) Discrete High Precision Flip Chip Resistor High-Flex Round Conductor Flat Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:19 x 40; Approval Bodies:UR RoHS Compliant: Yes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
LS33600 |
3.6 V Primary lithium-thionyl chloride High energy
|
saftbatteries
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HVLED807PF HVLED807PFTR |
Offline LED driver with primary-sensing and high power factor up to 7 W
|
STMicroelectronics
|