PART |
Description |
Maker |
AD9765 DAC_12B_10-100NS AD568 AD9742 AD9752 AD9753 |
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
|
Analog Devices, Inc. AD[Analog Devices]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
STFI26N60M2 |
LCC converters, resonant converters
|
STMicroelectronics
|
S7AH-03A S7AH-03A150 S7AH-03A180 V7AH-03A500 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
MCH2805S/883 MCH2805D/883 MCH2815S/883 MCH285R2D/8 |
DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
T3-1S243.3N T3-1S2424N T3-1S2415N T3-1S123.3N T3-1 |
DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|